PART |
Description |
Maker |
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
PC8260NBSP PC8260 |
The versatile PC8260 PowerQUICC II is particularly useful in communication and networking applicatio From old datasheet system
|
Atmel corp
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LM2574-12BN LM2574-12BWM LM2574-3.3BN LM2574-3.3BW |
LENS; Colour:Blue; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO14 52kHz Simple 0.5A Buck Regulator 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO14 52KHZ SIMPLE 0.5A BUCK REGULATOR 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP8 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
MC33363BDWG |
High Voltage Switching Regulator 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
BA9741F BA9741FS A5800965 BA9741F/FS |
Regulator LSIs > Switching regulator Two-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|